PART |
Description |
Maker |
M29DW324DB70ZA6 M29DW324DB70ZA6F M29DW324DB70ZE6F |
CABLE ASSEMBLY; LEAD-FREE SOLDER; N MALE TO N FEMALE; 50 OHM, RG225/U COAX, DOUBLE SHIELDED 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双66分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双66分,启动3V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双1616分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16 / Dual Bank 16:16 / Boot Block 3V Supply Flash Memory
|
SGS Thomson Microelectronics 意法半导 STMicroelectronics N.V. ST Microelectronics
|
M28W640C-ZBT M28W640CT90ZB6T M28W640CB80ZB1T M28W6 |
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,启动块3V电源快闪记忆 64 Mbit 4Mb x16/ Boot Block 3V Supply Flash Memory
|
STMicroelectronics N.V. 意法半导
|
M29W640D M29DW323 M29DW324 M29DW640D70N1 M29DW640D |
64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory FLASH NOR HIGH DENSITY & CONSUMER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29W320DB70ZE1 M29W320DT M29W320DB |
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory 32 MBIT (4MB X8 OR 2MB X16 BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
STMicroelectronics
|
M29DW323DB70N1 M29DW323DB70N1E M29DW323DB70N1F M29 |
32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
|
Numonyx B.V
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
M29DW323DB70ZA6 M29DW323DT M29DW323DT70N1E M29DW32 |
CAP 100PF 50V 20% Z5U SMD-0805 TR-7 PLATED-NI/SN Low-Noise Precision Operational Amplifier 8-SOIC 32兆位4Mb的x8或功能的2Mb x16插槽,双4分,启动V电源快闪记忆 High-Speed, Low-Power, Precision Quad Operational Amplifier 20-LCCC -55 to 125 32兆位4Mb的x8或功能的2Mb x16插槽,双4分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双24分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双4分,启动V电源快闪记忆 High-Speed, Low-Power, Precision Quad Operational Amplifier 14-CDIP -55 to 125 32兆位4Mb的x8或功能的2Mb x16插槽,双4分,启动V电源快闪记忆 Excalibur High-Speed Low-Power Precision Quad Operational Amplifier 14-PDIP 32 Mbit 4Mb x8 or 2Mb x16 / Dual Bank 8:24 / Boot Block 3V Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics SGS Thomson Microelectronics
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
M29W160EB70N1 M29W160EB70N1T M29W160EB70N6 M29W160 |
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位(含2Mb x8兆x16插槽,引导块3V电源快闪记忆 CAP 3300UF 6.3V ELECT FC RADIAL 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆 16 Mbit (2Mb x8 or 1Mb x16 / Boot Block) 3V Supply Flash Memory 16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 70ns; V(in/out): -0.6 to 0.6V; 16Mbit (2Mb x 8 or 1Mb x 16, boot block) 3V supply flash memory
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
LH28F160BJHE-TTL90 LHF16J04 |
16M-BIT ( 1Mbit x16 / 2Mbit x8 )Boot Block Flash MEMORY(16M 1Mx16 / 2Mx8 )Boot Block 闪速存储器) Flash Memory 16M (1M × 16/2M × 8)
|
Sharp Corporation Sharp Electrionic Components
|